Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22N20L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 22N20L-TN3-R
Description  22A, 200V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N20L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  22N20L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
22N20
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-611.b
22A, 200V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 22N20 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with planar stripe and DMOS technology. This technology is
specialized in allowing a minimum on-state resistance and superior
switching performance. It also can withstand high energy pulse in
the avalanche and commutation mode.
The UTC 22N20 is universally applied in low voltage such as
automotive, high efficiency switching for DC/DC converters and DC
motor control.
FEATURES
* Fast switching
* RDS(on) = 0.14Ω @VGS = 10 V
* Typically 20nC low gate charge
* 100% avalanche tested
* Typically 25pF Low CRSS
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
TO-220
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
22N20L-TA3-T
22N20G-TA3-T
TO-220
G
D
S
Tube
22N20L-TN3-R
22N20G-TN3-R
TO-252
G
D
S
Tape Reel
22N20L-TN3-T
22N20G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 22N20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N20L-TA3-T UTC-22N20L-TA3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
22N20L-TF3-T UTC-22N20L-TF3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
22N20L-TF3-T DOINGTER-22N20L-TF3-T Datasheet
1,012Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 22N20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
March 2000
logo
Unisonic Technologies
22N60 UTC-22N60_11 Datasheet
211Kb / 6P
22A, 600V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
500V,22A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
200V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com