Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22N20L-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 22N20L-TN3-R
Description  22A, 200V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

22N20L-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  22N20L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 22N20L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
22N20
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-611.b
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com