Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA7469L-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA7469L-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA7469
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-201.A
STEREO 2.6W AUDIO POWER
AMPLIFIER
(WITH DC_VOLUME CONTROL)
DESCRIPTION
As an audio power amplifier, UTC PA7469 can provides precise
DC volume control, and a stereo bridged audio power amplifiers
capable of producing 2.6Ω(1.8W) into 4W with less than 10%
(1.0%)THD+N.
In UTC PA7469, the attenuator range of the volume control is
from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V) with 32 steps.
It also includes both of the depop circuitry and the thermal
shutdown protection circuitry which can reduce pops and clicks
noise during power up or shutdown mode operation. It also
improves the power off pop noise and has the parts to not been
destroyed by over temperature and short current failure.
Into a single UTC PA7469 chip, there are a stereo bridge-tied
loads (BTL) mode for speaker drive and a stereo single-end (SE)
mode for headphone drive into a single chip, which built to simplify
the audio system design. And both modes are easily switched by
the SE/BTL input control pin signal.
FEATURES
*
Low operating current: 9mA
*
Two output modes allowable with BTL and SE modes selected by
SE/BTL pin
*
Low current consumption in shutdown mode :1μA
*
Short circuit protection
*
Thermal shutdown protection and over current protection circuitry
*
Improved depop circuitry to eliminate turn-on and turn-off
transients in outputs
*
Very high PSRR
*
32 Steps volume adjustable
*
BTL mode: 2.6W per channel output power into 4Ω Load at 5V
DIP-16
SOP-16
* Product number:
Lead-free: PA7469L
Halogen-free: PA7469G
RDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen-Free Plating
Package
Packing
PA7469-D16-T
PA7469L-D16-T
PA7469G-D16-T
DIP-16
Tube
PA7469-S16-T
PA7469L-S16-T
PA7469G-S16-T
SOP-16
Tube
PA7469-S16-R
PA7469L-S16-R
PA7469G-S16-R
SOP-16
Tape Reel


Similar Part No. - PA7469L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469L-S16-R UTC-PA7469L-S16-R Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - PA7469L-S16-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
Stereo 2.6W Audio Amplifier (With Gain Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com