Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7812ACT Datasheet(PDF) 12 Page - Motorola, Inc

Part # 7812ACT
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

7812ACT Datasheet(HTML) 12 Page - Motorola, Inc

Back Button 7812ACT Datasheet HTML 8Page - Motorola, Inc 7812ACT Datasheet HTML 9Page - Motorola, Inc 7812ACT Datasheet HTML 10Page - Motorola, Inc 7812ACT Datasheet HTML 11Page - Motorola, Inc 7812ACT Datasheet HTML 12Page - Motorola, Inc 7812ACT Datasheet HTML 13Page - Motorola, Inc 7812ACT Datasheet HTML 14Page - Motorola, Inc 7812ACT Datasheet HTML 15Page - Motorola, Inc 7812ACT Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
12
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7824C
Characteristic
Symbol
Min
Typ
Max
Unit
Ripple Rejection
RR
50
54
–
dB
28 Vdc
≤ Vin ≤ 38 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
–
1.4
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.2
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–2.0
–
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7824AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23.5
24
24.5
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
23.2
24
25.8
Vdc
27.3 Vdc
≤ Vin ≤ 38 Vdc
Line Regulation (Note 2)
Regline
mV
27 Vdc
≤ Vin ≤ 38 Vdc, IO = 500 mA
–
11.5
25
30 Vdc
≤ Vin ≤ 36 Vdc, IO = 1.0 A
–
3.8
28
30 Vdc
≤ Vin ≤ 36 Vdc, TJ = 25°C
–
3.8
12
26.7 Vdc
≤ Vin ≤ 38 Vdc, IO = 1.0 A, TJ = 25°C
–
10
25
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
–
2.1
15
5.0 mA
≤ IO ≤ 1.0 A
–
2.0
25
250 mA
≤ IO ≤ 750 mA
–
1.8
15
Quiescent Current
IB
–
3.6
6.0
mA
Quiescent Current Change
∆IB
mA
27.3 Vdc
≤ Vin ≤ 38 Vdc, IO = 500 mA
–
–
0.8
27 Vdc
≤ Vin ≤ 38 Vdc, TJ = 25°C
–
–
0.8
5.0 mA
≤ IO ≤ 1.0 A
–
–
0.5
Ripple Rejection
RR
45
54
–
dB
28 Vdc
≤ Vin ≤ 38 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance (f = 1.0 kHz)
rO
–
1.4
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.2
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–2.0
–
mV/
°C
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com