Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7812ACT Datasheet(PDF) 13 Page - Motorola, Inc

Part # 7812ACT
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

7812ACT Datasheet(HTML) 13 Page - Motorola, Inc

Back Button 7812ACT Datasheet HTML 8Page - Motorola, Inc 7812ACT Datasheet HTML 9Page - Motorola, Inc 7812ACT Datasheet HTML 10Page - Motorola, Inc 7812ACT Datasheet HTML 11Page - Motorola, Inc 7812ACT Datasheet HTML 12Page - Motorola, Inc 7812ACT Datasheet HTML 13Page - Motorola, Inc 7812ACT Datasheet HTML 14Page - Motorola, Inc 7812ACT Datasheet HTML 15Page - Motorola, Inc 7812ACT Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
13
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Peak Output Current as a Function of
Input/Output Differential Voltage (MC78XXC, AC)
Figure 2. Ripple Rejection as a Function of
Output Voltages (MC78XXC, AC)
Figure 3. Ripple Rejection as a Function of
Frequency (MC78XXC, AC)
Figure 4. Output Voltage as a Function of
Junction Temperature (MC7805C, AC)
Figure 5. Output Impedance as a Function of
Output Voltage (MC78XXC, AC)
Figure 6. Quiescent Current as a Function of
Temperature (MC78XXC, AC)
Vin–Vout, INPUT/OUPUT VOLTAGE DIFFERENTIAL (V)
3.0
2.0
1.5
1.0
0
4.0
8.0
12
20
30
40
80
70
60
50
40
4.0
6.0
8.0
10
12
14
16
18
20
22
24
VO, OUTPUT VOLTAGE (V)
PART #
Vin
MC7805C = 10 V
MC7806C = 11 V
MC7808C = 14 V
MC7812C = 19 V
MC7815C = 23 V
MC7818C = 27 V
MC7824C = 33 V
80
50
0.1
10
f, FREQUENCY (kHz)
0.01
5.0
4.9
–60
–20
20
60
100
140
180
TJ, JUNCTION TEMPERATURE (°C)
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
4.0
8.0
12
16
20
24
VO, OUTPUT VOLTAGE (V)
6.0
4.0
3.0
2.0
1.0
0
–75
–50
TJ, JUNCTION TEMPERATURE (°C)
–25
0
25
50
75
100
125
2.5
0.5
70
40
30
60
4.8
6.0
10
15
25
35
TJ = 85°C
TJ = 25°C
1.0
f = 120 Hz
IO = 20 mA
∆Vin = 1.0 V(RMS)
TJ = 125°C
TJ = 0°C
f = 120 Hz
IO = 500 mA
CL = 0 µF
Vin = 10 V
VO = 5.0 V
IL = 20 mA
Vin = 20 V
IO = 5.0 mA
MC78XXB, C, AC
Vin = 8.0 V to 18 V
IO = 500 mA
f = 120 Hz
TA = 25°C
TJ = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com