Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7812ACT Datasheet(PDF) 3 Page - Motorola, Inc

Part # 7812ACT
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

7812ACT Datasheet(HTML) 3 Page - Motorola, Inc

  7812ACT Datasheet HTML 1Page - Motorola, Inc 7812ACT Datasheet HTML 2Page - Motorola, Inc 7812ACT Datasheet HTML 3Page - Motorola, Inc 7812ACT Datasheet HTML 4Page - Motorola, Inc 7812ACT Datasheet HTML 5Page - Motorola, Inc 7812ACT Datasheet HTML 6Page - Motorola, Inc 7812ACT Datasheet HTML 7Page - Motorola, Inc 7812ACT Datasheet HTML 8Page - Motorola, Inc 7812ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7805C/LM340T–5
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
4.8
5.0
5.2
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
7.0 Vdc
≤ Vin ≤ 20 Vdc
4.75
5.0
5.25
8.0 Vdc
≤ Vin ≤ 20 Vdc
–
–
–
Line Regulation (Note 2)
Regline
mV
7.5 Vdc
≤ Vin ≤ 20 Vdc, 1.0 A
–
0.5
20
8.0 Vdc
≤ Vin ≤ 12 Vdc
–
0.8
10
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.0 A
–
1.3
25
5.0 mA
≤ IO ≤ 1.5 A (TA = 25°C)
-
1.3
25
Quiescent Current
IB
–
3.2
6.5
mA
Quiescent Current Change
∆IB
mA
7.0 Vdc
≤ Vin ≤ 25 Vdc
–
0.3
1.0
5.0 mA
≤ IO ≤ 1.0 A (TA = 25°C)
–
0.08
0.8
Ripple Rejection
RR
62
83
–
dB
8.0 Vdc
≤ Vin ≤ 18 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
–
0.9
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.6
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–0.3
–
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7805AC/LM340AT–5
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
4.9
5.0
5.1
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
4.8
5.0
5.2
Vdc
7.5 Vdc
≤ Vin ≤ 20 Vdc
Line Regulation (Note 2)
Regline
mV
7.5 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
–
0.5
10
8.0 Vdc
≤ Vin ≤ 12 Vdc, IO = 1.0 A
–
0.8
12
8.0 Vdc
≤ Vin ≤ 12 Vdc, IO = 1.0 A, TJ = 25°C
–
1.3
4.0
7.3 Vdc
≤ Vin ≤ 20 Vdc, IO = 1.0 A, TJ = 25°C
–
4.5
10
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
–
1.3
25
5.0 mA
≤ IO ≤ 1.0 A
–
0.8
25
250 mA
≤ IO ≤ 750 mA
–
0.53
15
Quiescent Current
IB
–
3.2
6.0
mA
Quiescent Current Change
∆IB
mA
8.0 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
–
0.3
0.8
7.5 Vdc
≤ Vin ≤ 20 Vdc, TJ = 25°C
–
–
0.8
5.0 mA
≤ IO ≤ 1.0 A
–
0.08
0.5
Ripple Rejection
RR
68
83
–
dB
8.0 Vdc
≤ Vin ≤ 18 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
NOTES: 1. Tlow = –40°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
Thigh = +125°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com