Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA2004
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004 Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA2004 Datasheet HTML 1Page - Unisonic Technologies TDA2004 Datasheet HTML 2Page - Unisonic Technologies TDA2004 Datasheet HTML 3Page - Unisonic Technologies TDA2004 Datasheet HTML 4Page - Unisonic Technologies TDA2004 Datasheet HTML 5Page - Unisonic Technologies TDA2004 Datasheet HTML 6Page - Unisonic Technologies TDA2004 Datasheet HTML 7Page - Unisonic Technologies TDA2004 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R107-034,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Opearting Supply Voltage
Vss
18
V
DC Supply Voltage
Vss
28
V
Peak Supply Voltage (for 50ms)
Vss
40
V
non repetitive t=0.1ms
Io*
4.5
A
Output Peak Current
repetitive f ≥10Hz
Io*
3.5
A
Power Dissipation at Tc=60℃
PD
30
W
Junction Temperature
TJ
+125
℃
Storage Temperature
TSTG
-40 ~ 150
℃
* The max. output current is internally limited.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-Case
θJC
3.0
℃/W
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Ta=25℃, Gv=50Db, Rth(heatsink)=4℃/W, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vss
8
18
V
Quiescent Output Voltage
VOUT
Vss=14.4V
Vss=13.2V
6.6
6.0
7.2
6.6
7.8
7.2
V
Total Quiescent Drain Current
ID
Vss=14.4V
Vss=13.2V
65
62
120
120
mA
Stand-by Current
ISTAY-B
Pin 3 grounded
5
mA
Vss=14.4V
RL=4Ω
RL=3.2Ω
RL=2Ω
RL=1.6Ω
6
7
9
10
6.5
8
10*
11
W
Vss=13.2V
RL=3.2Ω
RL=1.6Ω
6
9
6.5
10
W
Output Power (each channel)
f=1KHz, THD=10%
POUT
Vss=16V, RL=2Ω
12
W
Vss=14.4V, RL=4Ω
POUT=50mW ~ 4W
0.2
1
%
Vss=14.4V, RL=2Ω
POUT=50mW ~ 6W
0.3
1
%
Vss=13.2V, RL=3.2Ω
POUT=50mW ~ 3W
0.2
1
%
Total Harmonic Distortion
(each channel) f=1KHz
THD
Vs=13.2V, RL=1.6Ω
POUT=50mW ~ 6W
0.3
1
%
Cross Talk
CT
Vss=14.4V
VOUT=4Vrms, RL=4Ω
f=1KHz
f=10kHz, RG=5KΩ
50
40
60
45
dB
dB
Input Saturation Voltage
VIN
300
mV
Input Resistance (non inverting input)
RIN
f=1kHz
70
200
kΩ
Low Frequency Roll Off (-3dB)
fL
RL=4Ω
RL=2Ω
RL=3.2Ω
RL=1.6Ω
35
50
40
55
Hz
High Frequency Roll Off (-3dB)
fH
RL=1.6Ω ~ 4Ω
15
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com