Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA2004
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004 Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA2004 Datasheet HTML 1Page - Unisonic Technologies TDA2004 Datasheet HTML 2Page - Unisonic Technologies TDA2004 Datasheet HTML 3Page - Unisonic Technologies TDA2004 Datasheet HTML 4Page - Unisonic Technologies TDA2004 Datasheet HTML 5Page - Unisonic Technologies TDA2004 Datasheet HTML 6Page - Unisonic Technologies TDA2004 Datasheet HTML 7Page - Unisonic Technologies TDA2004 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R107-034,A
TEST AND APPLICATION CIRCUIT
INPUT(L)
C1
1
5
0.1μF
R1
+Vs
120 KΩ
3
9
10
2
8
4
6
C3
C5
C4
R2
1.2KΩ
C8
R6
1Ω
C6
RL
R3
1.2KΩ
C7
R4
R5
3.3Ω
C9
R7
1Ω
+ 1/2
TDA2004
-
+ 1/2
TDA2004
-
RL
INPUT(R)
C2
7
C10
3.3 Ω
11
C12
10V
10V
3V
10 V
10V
cn
3V
10μ F
100 μF/
220 μF/
100 μF/
220 μF/
0 .1μ F
2200μ F/
0.1μ F
2200 μF/
2.2μF
2.2μF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com