Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA2004
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004 Datasheet(HTML) 7 Page - Unisonic Technologies

  TDA2004 Datasheet HTML 1Page - Unisonic Technologies TDA2004 Datasheet HTML 2Page - Unisonic Technologies TDA2004 Datasheet HTML 3Page - Unisonic Technologies TDA2004 Datasheet HTML 4Page - Unisonic Technologies TDA2004 Datasheet HTML 5Page - Unisonic Technologies TDA2004 Datasheet HTML 6Page - Unisonic Technologies TDA2004 Datasheet HTML 7Page - Unisonic Technologies TDA2004 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7
www.unisonic.com.tw
QW-R107-034,A
TYPICAL CHARACTORISTICS (cont.)
0.8
0.4
1.2
10
103
102
10 4
f (Hz)
Figure 7. Distortion vs Frequency
Vs=13.2V
Gv=50dB
Po=2.5W
RL=1.6Ω
Po=2.5W
13
30
C3 (μ F)
Figure 8. Supply Voltage Rejection vs C3
10
10
20
30
40
50
60
Vs=14.4V
tRIPPLE =100Hz
VRIPPLE=0.5V
Gv=50dB
RG=10KΩ
30
1
102
103
20
Figure 9. Supply Voltage Rejection vs.
Frequency.
50
40
12
10
Figure 10. Supply Voltage Rejection vs.
Values of Capacitors C2 and C3
5
20
30
40
50
Vs=14.4V
RL=00
Gv=50dB
C3=10μF
RG=0
RG=10KΩ
20
Vs=14.4V
RL=4Ω
RG=10KΩ
GV=390/1Ω
60
RL=3.2Ω
C3 (μF)
f (Hz)
tRIPPLE=100Hz
C2=220μF
C2=22μF
C2=5μF
0
70
1.6
2.0
10
5
70
104
12
10
5
20
30
40
50
20
Vs=14.4V
RL=4Ω
RG=10KΩ
C2=220μF
4
30
VIN (mV)
Figure 12. Gain vs. Input Sensitivity
10
54
50
46
42
38
34
Vs=14.4V
f=1KHz
RL=4Ω
22
26
30
8
6
4
2
8
6
2
300
100
Po=6W
Po=0.5W
500
20
50
100
200
C3 (μ F)
Figure 11. Supply Voltage Rejection vs.
Values of Capacitors C2 and C3
C2=22μF
C2=5μF
Gy=1000/10Ω
60
tRIPPLE =100Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com