Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT595G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74HCT595G-P16-R
Description  8-BIT SHIFT REGISTERS WITH LATCHED 3-STATE OUTPUT REGISTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT595G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74HCT595G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U74HCT595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-666.A
PIN CONFIGURATION
7
6
5
4
3
2
1
14
13
12
10
11
15
16
QB
QC
QD
QG
VCC
9
GND
SRCLR
OE
QE
QF
QH
QA
SER
RCLK
SRCLK
QH’
FUNCTION TABLE
INPUTS
OUTPUTS
FUNCTION
SRCLK
RCLK
OE
SRCLR
SER
QH’ Qn
A Low-Level on
SRCLR only affects the shift
registers.
X
X
L
L
X
L
NC
Empty shift register loaded into storage register.
X
↑
L
L
X
L
L
Shift register clear. Parallel outputs in
high-impedance OFF-state
X
X
H
L
X
L
Z
Logic high level shifted into the first shift register.
Contents of all shift register stages shifted through,
e.g. previous state of stage G(internal QG’) appears
on the serial output(QH’).
↑
X
L
H
H
QG’ NC
Contents of shift register stages (internal Qn’) are
transferred to the storage register and parallel
output stages.
X
↑
L
H
X
NC
Qn’
Contents of shift register shifted through. Previous
contents of the shift register is transferred to the
storage register and the parallel output stages.
↑
↑
L
H
X
QG’ Qn’
Note:H : HIGH voltage level.
L : LOW voltage level.
X : Don’t care.
Z : High impedance OFF-state.
NC: No change.
↑ : Low-to-High transition.
↓ : High-to-Low transition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com