Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT595G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT595G-P16-R
Description  8-BIT SHIFT REGISTERS WITH LATCHED 3-STATE OUTPUT REGISTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT595G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT595G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT595
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-666.A
8-BIT SHIFT REGISTERS WITH
LATCHED 3-STATE OUTPUT
REGISTERS
DESCRIPTION
The UTC 74HCT595 contains an 8-bit register with asynchronous
reset input and an 8-bit latch with output enable input. Data on the
Serial Data Input (SER) will be shift into the internal shift register
during every LOW-to-HIGH transition on the Shift Clock. The latch will
latch the 8-bit data from the shift register during the LOW-to-HIGH
transition on the Latch Clock. The shift register also provides a serial
output.
FEATURES
* Operation Voltage Range:4.5V~5.5V
* High Noise Immunity
* Output Compatibility with CMOS and TTL
* 8-Bit Serial-In,Parallel-Out Shift
* Inputs are TTL voltage compatiable
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HCT595L-P16-R
U74HCT595G-P16-R
TSSOP-16
Tape Reel
U74HCT595L-P16-T
U74HCT595G-P16-T
TSSOP-16
Tube


Similar Part No. - U74HCT595G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT595G-P16-R UTC-U74HCT595G-P16-R Datasheet
196Kb / 6P
8-BIT SHIFT REGISTERS
More results

Similar Description - U74HCT595G-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com