Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT595G-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HCT595G-P16-R
Description  8-BIT SHIFT REGISTERS WITH LATCHED 3-STATE OUTPUT REGISTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT595G-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HCT595G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT595G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HCT595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-666.A
DYNAMIC CHARACTERISTICS(Ta=25°С, CL=50pF,RL=1kΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Maximum clock pulse frequency
f(MAX)
VCC=4.5V
30
52
MHz
Propagation delay from input
(RCLK) to output(Qn)
tPHL/tPLH
VCC=4.5V
24
40
ns
Propagation delay from input
(SRCLK) to output(QH’)
tPLH/tPHL
VCC=4.5V
24
42
ns
3-state output enable time from input
(
OE ) to output(Qn)
tPZH/tPZL
VCC=4.5V
21
35
ns
3-state output disable time from
input (
OE ) to output(Qn)
tPHZ/tPLZ
VCC=4.5V
18
30
ns
Propagation delay from input
(
SRCLR ) to output(QH’)
tPHL
VCC=4.5V
23
40
ns
Output transition time, QH’
tTLH/ tTHL
VCC=4.5V
8
15
ns
Output transition time, Qn
tTLH/ tTHL
VCC=4.5V
8
12
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No Load
400
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com