Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC1190RGVT
Description  850 ??950 MHz RF Front End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1190RGVT Datasheet(HTML) 5 Page - Texas Instruments

  CC1190RGVT Datasheet HTML 1Page - Texas Instruments CC1190RGVT Datasheet HTML 2Page - Texas Instruments CC1190RGVT Datasheet HTML 3Page - Texas Instruments CC1190RGVT Datasheet HTML 4Page - Texas Instruments CC1190RGVT Datasheet HTML 5Page - Texas Instruments CC1190RGVT Datasheet HTML 6Page - Texas Instruments CC1190RGVT Datasheet HTML 7Page - Texas Instruments CC1190RGVT Datasheet HTML 8Page - Texas Instruments CC1190RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PA_EN
LNA_EN
CC1190
PA_EN
LNA_EN
HGM
VDD
TR_SW
LNA_OUT
PA_OUT
PA_IN
LNA_IN
SMA
SMA
HGM
L21
C21
L22
C24
C25
L23
L24
C101
C111
R141
C22
C51
VDD
C28
CC1190
www.ti.com
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
CC1190EM Evaluation Module
Figure 1. CC1190EM Evaluation Module
Table 1. List of Materials Optimized for 915 MHz Operation
(See the CC1190EM Reference Design, SWRR064)
DEVICE
FUNCTION
VALUE
L21
PA load inductor
10 nH, LQW18AN10NG10 from Murata
L22
RXTX switch and LNA match
7.5 nH, LQW15AN7N5G00 from Murata
L23
Part of antenna match
2.2 nH, LQW15AN2N2C10D from Murata
L24
Part of antenna match
3.9 nH, LQW15AN3N9C00 from Murata
C21
DC block
47 pF, GRM1555C1H470JZ01D from Murata
C22
RXTX switch and LNA match
12 pF, GRM1555C1H120JZ01D from Murata
C24
Part of antenna match
3.3 pF: GRM1555C1H3R3CZ01D from Murata
C25
Part of antenna match
8.2 pF: GRM1555C1H8R2CZ01D from Murata
C28
Part of antenna match
0.5 pF, GRM1555C1HR50CZ01D from Murata
C51
Part of LNA match
12 pF, GRM1555C1H120JZ01D from Murata
C101
DC block
47 pF: GRM1555C1H470JZ01D from Murata
C111
DC block
47 pF: GRM1555C1H470JZ01D from Murata
R141
Bias resistor
3.3 k
Ω, RK73H1ETTP3301F from Koa
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com