Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1190RGVT
Description  850 ??950 MHz RF Front End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1190RGVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1190RGVT Datasheet HTML 5Page - Texas Instruments CC1190RGVT Datasheet HTML 6Page - Texas Instruments CC1190RGVT Datasheet HTML 7Page - Texas Instruments CC1190RGVT Datasheet HTML 8Page - Texas Instruments CC1190RGVT Datasheet HTML 9Page - Texas Instruments CC1190RGVT Datasheet HTML 10Page - Texas Instruments CC1190RGVT Datasheet HTML 11Page - Texas Instruments CC1190RGVT Datasheet HTML 12Page - Texas Instruments CC1190RGVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CC110X
Connectedto
VDD/GND/MCU
RF_P
PA_EN
RF_N
SAW
ConnectedtoMCU
VDD
CC1190
PA_EN
LNA_EN
HGM
TR_SW
LNA_OUT
PA_OUT
PA_IN
LNA_IN
CC430/CC111X
Connectedto
VDD/GND/SoC
RF_P
LNA_EN
RF_N
SAW
VDD
CC1190
PA_EN
LNA_EN
HGM
TR_SW
LNA_OUT
PA_OUT
PA_IN
LNA_IN
PA_EN
CC1190
www.ti.com
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
Connecting CC1190 to a CC110X Device
Table 3. Control Logic for Connecting CC1190 to a CC110X Device
PA_EN
LNA_EN
HGM
Mode Of Operation
0
0
don't care
Power Down
0
1
0
RX Low Gain Mode
0
1
1
RX High Gain Mode
1
0
0
TX Low Gain Mode
1
0
1
TX High Gain Mode
Figure 12. CC1190 + CC110X Application Circuit
Connecting CC1190 to a CC430 or CC111X Device
Table 4. Control Logic for Connecting CC1190 to a CC430 or CC111X Device
PA_EN
LNA_EN
HGM
Mode Of Operation
0
0
don't care
Power Down
0
1
0
RX Low Gain Mode
0
1
1
RX High Gain Mode
1
0
0
TX Low Gain Mode
1
0
1
TX High Gain Mode
Figure 13. CC1190 + CC430/CC111X Application Circuit
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com