Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1190RGVT
Description  850 ??950 MHz RF Front End
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1190RGVT Datasheet(HTML) 3 Page - Texas Instruments

  CC1190RGVT Datasheet HTML 1Page - Texas Instruments CC1190RGVT Datasheet HTML 2Page - Texas Instruments CC1190RGVT Datasheet HTML 3Page - Texas Instruments CC1190RGVT Datasheet HTML 4Page - Texas Instruments CC1190RGVT Datasheet HTML 5Page - Texas Instruments CC1190RGVT Datasheet HTML 6Page - Texas Instruments CC1190RGVT Datasheet HTML 7Page - Texas Instruments CC1190RGVT Datasheet HTML 8Page - Texas Instruments CC1190RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CC1190
www.ti.com
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
TC = 25°C, VDD = 3 V, fRF = 915 MHz (unless otherwise noted). Measured on CC1190EM reference design including external
matching components optimized for 915 MHz operation.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF Receive
PIN = -40 dBm, HGM = 1
11.6
Gain
dB
PIN = -40 dBm, HGM = 0
-6
Gain variation over frequency
850–950 MHz, PIN = -40 dBm, HGM = 1
1.2
dB
Gain variation over power supply
2 – 3.7 V, PIN = -40 dBm, HGM = 1
1
dB
HGM = 1, including internal switch and external
2.9
dB
antenna match
Noise figure
HGM = 0, including internal switch and external
6.2
dBm
antenna match
HGM = 1
-12.3
Input 1 dB compression
dBm
HGM = 0
11.2
Input IP3, High Gain Mode
HGM = 1
-5
dBm
Input reflection coefficient, S11, High
HGM = 1, measured at antenna port, depends
-11.5
dB
Gain Mode
on external antenna and LNA match
RF Transmit
PIN = -20 dBm, HGM = 1
27.9
Gain
dB
PIN = -20 dBm, HGM = 0
24.6
Maximum Output Power
PIN = 5 dBm, HGM = 1, VDD = 3.7 V
27.7
dBm
PIN = 5 dBm, HGM = 1
26.5
Output power, POUT
PIN = 0 dBm, HGM = 1
25.5
dBm
PIN = -6 dBm, HGM = 1
22
Power Added Efficiency, PAE
PIN = 5 dBm, HGM = 1
48%
HGM = 1
24
Output 1 dB compression
dBm
HGM = 0
23.7
Output power variation over frequency
850 – 950 MHz, PIN = 5 dBm, HGM = 1
1.7
dB
Output power variation over power supply
2 V – 3.7 V, PIN = 5 dBm, HGM = 1
4.5
dB
Output power variation over temperature
-40°C – 85°C, PIN = 5 dBm, HGM = 1
1
dB
2nd harmonic power
HGM = 1, PIN = 5 dBm
2.5
See application note AN001 (SWRA090) for
dBm
3rd harmonic power
-37
regulatory requirements.
HGM = 1, measured at SMA connector on
Input reflection coefficient, S11
-10
dB
PA_IN/LNA_OUT (TX active)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com