Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15600L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15600L-S08-R
Description  MELODY IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15600L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  15600L-S08-R Datasheet HTML 1Page - Unisonic Technologies 15600L-S08-R Datasheet HTML 2Page - Unisonic Technologies 15600L-S08-R Datasheet HTML 3Page - Unisonic Technologies 15600L-S08-R Datasheet HTML 4Page - Unisonic Technologies 15600L-S08-R Datasheet HTML 5Page - Unisonic Technologies 15600L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15600
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-085.B
MELODY IC
DESCRIPTION
UTC 15600 Series is a CMOS IC circuits which contain a
programmed mask ROM to generate chord music. The capacity of
the ROM being used for storage of such music information is of
128 words and up to two numbers of music melodies under two
different sound sources can be optioned for storage into it. Also,
the total integration (for mask option) of the RC oscillation circuit is
builted in. Moreover, a small-sized package can be suitable for
space –saving applications.
FEATURES
* Range of operating voltage: 0.9~5.5V
* Reference signal source frequency: 32.768KHZ,47.520KHZ(mask
option selection)
* Options :
1. changing the melody midway during performance: Possible or
not possible (mask option selection)
2. selection of the reference sound frequency: when selecting the
signal source frequency of 32.768kHz, A4=440Hz(standard) or
C4=256Hz when selecting the signal source frequency of
47.520kHz: A4=440Hz
3. Selection of performance sound range: when selecting the
signal source frequency of
32.768kHz, A4=440Hz: G6~C4 or G5~C3
32.768kHz, A4=256Hz: C7~C4 or C6~C3
47.520kHz, A4=440Hz: C7~C4 or C6~F3
4. Choices of the reference signal source: External clock input or
integrated RC oscillator (using both of the integrated C and R)
or integrated RC oscillation (using the integrated C only but the
R is for external installation)
5. performance method choice :
Level hold
one shot C
one shot A
* Attenuation of sound: integrated envelope
adding circuit
* Loudspeaker drive: not equipping an
amplifier(an extremely installed amplifier
should be used)
* Output Impedance :
Max: 222k
Min :68k
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
15600L-D08-T
15600G-D08-T
DIP-8
Tube
15600L-S08-R
15600G-S08-R
SOP-8
Tape Reel
15600L-S08-T
15600G-S08-T
SOP-8
Tube


Similar Part No. - 15600L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15600L-D08-T UTC-15600L-D08-T Datasheet
171Kb / 6P
MELODY IC
More results

Similar Description - 15600L-S08-R

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
Melody IC
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
Melody IC with Built-in SRAM
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
logo
Epson Company
SVM7970C EPSON-SVM7970C Datasheet
389Kb / 7P
MULTI-MELODY IC
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
Melody LSIs
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
MELODY IC
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
logo
List of Unclassifed Man...
N567HP330 ETC2-N567HP330 Datasheet
663Kb / 13P
8-ch Melody IC with 8Mbit embedded OTP
logo
Epson Company
SVM7561 EPSON-SVM7561 Datasheet
46Kb / 7P
CMOS MELODY IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com