Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75323L-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 75323L-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323L-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  75323L-S20-R Datasheet HTML 1Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 2Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 3Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 4Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 5Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 6Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 7Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 8Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R113-007,B
LOGIC SYMBOL
Note: This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
LOGIC DIAGRAM ( POSITIVE LOGIC )
BLOCK DIAGRAM
The circuit for each driver
320Ω
Output DY
VDD
Input DA
11.6kΩ
9.4kΩ
GND
4.2kΩ
3.3kΩ
68.5Ω
75.8Ω
254.5Ω
VSS
0
10.4kΩ
Resistor values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com