Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75323L-S20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 75323L-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323L-S20-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 75323L-S20-R Datasheet HTML 3Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 4Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 5Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 6Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 7Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 8Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 9Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 10Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R113-007,B
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
CONDITIONS (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Positive-Going Input Threshold Voltage
VIT+
Fig.5
TA=25℃
1.75
1.9
2.3
V
TA=0℃ ~ 70℃
1.55
2.3
Negative-Going Input Threshold Voltage
VIT-
Fig. 5
0.75
0.97
1.25
Input Hysteresis Voltage(VIT+ - VIT-)
VHYS
0.5
High-Level Output Voltage
VOH
IOH=-0.5mA
VIH=0.75V
2.6
4
5
V
Inputs open
2.6
Low-Level Output Voltage
VOL
IOL=10mA, VI=3V
0.2
0.45
V
High-Level Input Current
IIH
VI=25V
3.6
8.3
mA
VI=3V
0.43
mA
Low-Level Input Current
IIL
VI=-25V
-3.6
-8.3
mA
VI=-3V
-0.43
mA
Short-Circuit Output Current
IOS
Fig. 4
-3.4
-12
mA
Note:
All typical values are at TA=25 , V
℃
CC=5V, VDD=9V, VSS=-9V
SWITCHING CHARACTERISTICS (TA=25℃, VCC=5V, VDD=12V, VSS= -12V)
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP
MAX UNIT
Propagation Delay Time, Low-to High-Level Output
tPLH
CL=50pF, RL=5kΩ
Fig. 6
107
500
ns
Propagation Delay Time, High- to Low-Level Output
tPHL
42
150
ns
Transition Time, Low-to High-Level Output
tTLH
175
525
ns
Transition time, High- to Low-Level Output
tTHL
16
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com