Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75323L-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 75323L-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323L-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  75323L-S20-R Datasheet HTML 1Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 2Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 3Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 4Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 5Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 6Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 7Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 8Page - Unisonic Technologies 75323L-S20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R113-007,B
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 2)
VCC
10
V
Supply Voltage (Note 2)
VDD
15
V
Supply Voltage (Note 2)
VSS
-15
V
Input Voltage
Driver
VI
-15 ~ 7
V
Receiver
-30 ~ 30
Output Voltage (Driver)
Vo
-15 ~ 15
V
Low-level Output Current (Receiver)
IOL
20
mA
Storage temperature
TSTG
-65 ~ 150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are with respect to the network ground terminal.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-20
θJA
97
°С/W
DIP-20
67
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
7.5
9
13.5
V
VSS
-7.5
-9
-13.5
VCC
4.5
5
5.5
High-Level Input Voltage
Driver
VIH
1.9
V
Low-Level Input Voltage
Driver
VIL
0.8
V
High-Level Output Current
Driver
IOH
-6
mA
Receiver
-0.5
High-Level Output Current
Driver
IOL
6
mA
Receiver
16
Operating Free-Air Temperature
TA
0
70
℃
SUPPLY CURRENTS OVER OPERATING FREE-AIR TEMPERATURE RANGE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Supply Current From VDD
IDD
All inputs at 1.9V, No load
VDD=9V, VSS=-9V
25
mA
VDD=12V, VSS=-12V
32
All inputs at 0.8V, No load
VDD=9V, VSS=-9V
7.5
mA
VDD=12V, VSS=-12V
9.5
Supply Current From VSS
ISS
All inputs at 1.9V, No load
VDD=9V, VSS=-9V
-25
mA
VDD=12V, VSS=-12V
-32
All inputs at 0.8V, No load
VDD=9V, VSS=-9V
-5.3
mA
VDD=12V, VSS=-12V
-5.3
Supply Current From VCC
ICC
VCC=5V, All inputs at 5V, No load
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com