Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606-TN5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD606-TN5-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606-TN5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD606-TN5-R Datasheet HTML 1Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 2Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 3Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 4Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 5Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 6Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 7Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 8Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UD606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-169.A
ELECTRICAL CHARACTERISTICS(Cont.)
P-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-40
V
Drain-Source Leakage Current
IDSS
VDS=-32V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-1
-1.8
-3
V
VGS=-10V, ID=-8A
35
50
mΩ
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=-4.5V, ID=-4A
55
70
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
657
pF
Output Capacitance
COSS
143
pF
Reverse Transfer Capacitance
CRSS
VGS=0V,VDS=-20V,f=1.0MHz
63
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
8
ns
Turn-ON Rise Time
tR
12.2
ns
Turn-OFF Delay Time
tD(OFF)
24
ns
Turn-OFF Fall Time
tF
VDS=-20V, VGS=-10V,
RG=3Ω, RL=2.5Ω
12.5
ns
Total Gate Charge (Note2)
QG
14.1
nC
Gate-Source Charge
QGS
2.2
nC
Gate-Drain Charge
QGD
VDS=-20V, VGS=-10V, ID=-8A
4.1
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=-1A, VGS=0V
-0.75
-1
V
Diode Continuous Forward Current
IS
-8
A
Reverse Recovery Time
tRR
23.2
ns
Reverse Recovery Charge
QRR
IF=-8A, dI/dt=100A/µs
18.2
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤0.5%.
3. Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com