Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606-TN5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD606-TN5-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606-TN5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD606-TN5-R Datasheet HTML 1Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 2Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 3Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 4Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 5Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 6Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 7Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 8Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD606
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-169.A
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UD606 can provide excellent RDS(ON) and low gate
charge by using advanced trench technology MOSFETs. The
UD606
may be used in H-bridge, inverters and other applications.
FEATURES
* N-Channel: 40V/8A
RDS(ON) = 33mΩ @ VGS =10V
RDS(ON) = 47mΩ @ VGS= 4.5V
* P-Channel: -40V/-8A
RDS(ON) = 50mΩ @ VGS= -10V
RDS(ON) = 70mΩ @ VGS= -4.5V
* Super high dense cell design
* Reliable and rugged
SYMBOL
(3)
D1/D2
(5)
G2
(2)
G1
S1
(1)
S2
(4)
N-Channel
P-Channel
1
TO-252-5
*Pb-free plating product number: UD606L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
4
5
Packing
UD606-TN5-R
UD606L-TN5-R
TO-252-5
S1
G1
D1/D2
S2
G2
Tape Reel
UD606-TN5-T
UD606L-TN5-T
TO-252-5
S1
G1
D1/D2
S2
G2
Tube


Similar Part No. - UD606-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606G-S08-R UTC-UD606G-S08-R Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
UD606G-TN5-R UTC-UD606G-TN5-R Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
UD606L-TN5-R UTC-UD606L-TN5-R Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
UD606 UTC-UD606_15 Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
More results

Similar Description - UD606-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com