Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606-TN5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD606-TN5-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606-TN5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UD606-TN5-R Datasheet HTML 1Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 2Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 3Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 4Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 5Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 6Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 7Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 8Page - Unisonic Technologies UD606-TN5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UD606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-169.A
TYPICAL CHARACTERISTICS(Cont.)
10
1
0.1
0.01
100
10
1
0.1
0.01
0.001
0.0001
0.00001
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
D=TON/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=60℃/W
In descending order
D=0.5,0.3,0.1,0.05,0.02,0.01,Single Pulse
Single Pulse
PD
TON
T
P-CHANNEL:
VDS=-5V
125℃
25℃
25
20
15
10
5
0
12
3
4
5
0
Gate-Source Voltage, -VGS(V)
Transient Characteristics
-4.5V
VGS=-4V
-3.5V
-3V
-10V
-5V
-6V
30
25
20
15
10
5
0
01
2
3
4
5
On-Resistance Characteristics
Drain-Source Voltage, -VDS(V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com