Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF740G-TQ2-R
Description  10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF740G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-078,E
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, Unless Otherwise Specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ =25°C~125°C)
VDS
400
V
Drain to Gate Voltage (RGS = 20kΩ) (TJ =25°C~125°C)
VDGR
400
V
Gate to Source Voltage
VGS
±20
V
Drain Current
Continuous
ID
10
A
TC = 100°C
ID
6.3
A
Pulsed
IDM
40
A
Power Dissipation
TO-220/TO-263
PD
125
W
TO-220F
44
TO-220F2
46
Derating above 25°C
TO-220/TO-263
1.0
W/°C
TO-220F
0.35
TO-220F2
0.37
Single Pulse Avalanche Energy Rating(Note3)
EAS
520
mJ
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/TO-263
θJc
1.0
°C/W
TO-220F
2.86
TO-220F2
2.72
ELECTRICAL CHARACTERISTICS (TC =25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain to Source Breakdown Voltage
BVDSS VGS = 0V, ID = 250μA
400
V
Gate to Threshold Voltage
VGS(THR) VGS = VDS, ID = 250μA
2.0
4.0
V
On-State Drain Current (Note 1)
ID(ON)
VDS >ID(ON) x RDS(ON)MAX, VGS =10V
10
A
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
VDS=0.8 x Rated BVDSS, VGS=0V,TJ=125°C
250
μA
Gate to Source Leakage Current
IGSS
VGS = ±20V
±500 nA
Drain to Source On Resistance
RDS(ON) VGS = 10V, ID = 5.2A (Note 1)
0.47 0.55
Ω
Forward Transconductance
gFS
VDS ≥ 50V, ID = 5.2A (Note 1)
5.8
8.9
S
Turn-On Delay Time
tDLY(ON) VDD = 200V, ID ≈ 10A,
RGS = 9.1Ω, RL = 20Ω, VGS = 10V
MOSFET Switching Times are Essentially
Independent of Operating Temperature
15
21
ns
Rise Time
tR
25
41
ns
Turn-Off Delay Time
tDLY(OFF)
52
75
ns
Fall Time
tF
25
36
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
QG(TOT)
VGS = 10V, ID = 10A, IG(REF) = 1.5mA,
VDS = 0.8 x Rated BVDSS
Gate Charge is Essentially Independent of
Operating Temperature
41
63
nC
Gate to Source Charge
QGS
6.5
nC
Gate to Drain “Miller” Charge
QGD
23
nC
Input Capacitance
CISS
VGS = 0V, VDS =25V, f = 1.0MHz
1250
pF
Output Capacitance
COSS
300
pF
Reverse - Transfer Capacitance
CRSS
80
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com