Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF740G-TQ2-R
Description  10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF740G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-078,E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Internal Drain Inductance
LD
Measured From the
Contact Screw on
Tab to Center of
Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
3.5
nH
Measured From the
Drain Lead, 6mm
(0.25in) From
Package to Center
of Die
4.5
nH
Internal Source Inductance
LS
Measured From the
Source Lead, 6mm
(0.25in) From
Header to Source
Bonding Pad
7.5
nH
SOURCE TO DRAIN DIODE SPECIFICATIONS
Source to Drain Diode Voltage
VSD
TJ = 25°C, ISD = 10A, VGS = 0V (Note 1)
2.0
V
Continuous
Source
to
Drain
Current
IS
Modified MOSFET
Symbol Showing
the Integral Reverse
P-N Junction Diode
10
A
Pulse Source to Drain Current
(Note 2)
ISM
40
A
Reverse Recovery Time
trr
TJ = 25°C, ISD = 10A, dISD/dt = 100A/μs
170
390
790
ns
Reverse Recovery Charge
QRR
TJ = 25°C, ISD = 10A, dISD/dt = 100A/μs
1.6
4.5
8.2
μC
Notes:
1. Pulse Test: Pulse width ≤ 300μs, Duty Cycle≤2%.
2. Repetitive rating: Pulse width limited by maximum junction temperature.
3. (VDD=50V, starting TJ =25°C, L=9.1mH, RG=25Ω, peak IAS = 10A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com