Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF740G-TQ2-R
Description  10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF740G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF740
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-078,E
10A, 400V, 0.55Ω N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power
MOSFET is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* 10A, 400V, RDS(ON)(0.55Ω)
* Single Pulse Avalanche Energy Rated
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
TO-220
TO-263
TO-220F
1
1
1
1
TO-220F2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF740L-TA3-T
UF740G-TA3-T
TO-220
G
D
S
Tube
UF740L-TF2-T
UF740G-TF2-T
TO-220F2
G
D
S
Tube
UF740L-TF3-T
UF740G-TF3-T
TO-220F
G
D
S
Tube
UF740L-TQ2-T
UF740G-TQ2-T
TO-263
G
D
S
Tube
UF740L-TQ2-R
UF740G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF740G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740G-TQ2-R UTC-UF740G-TQ2-R Datasheet
240Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UF740G-TQ2-R UTC-UF740G-TQ2-R Datasheet
343Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - UF740G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
March 1999
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
N-Channel Power MOSFET (400V, 10A)
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
10A 400V N CHANNEL POWER MOSFET
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com