Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIC811G-X-AD4-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UIC811G-X-AD4-R
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC811G-X-AD4-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UIC811G-X-AD4-R Datasheet HTML 1Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 2Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 3Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 4Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 5Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 6Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 7Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UIC811
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-317.H
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VCC
-0.3~+6.0
V
Input Current (VCC, MR )
IIN
20
mA
Output Current ( RESET )
IOUT
20
mA
Rate of Rise
VCC(RR)
100
V/µs
Power Dissipation
(TA =+70°C)
SOT-143
PD
320
mW
SOT-23/ SOT-23-3
300
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is not guaranteed to function outside its operating rating.
ELECTRICAL CHARACTERISTICS
UIC811-A (2.63V)
(VCC =3V, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage Range
VCC
TA =-40~+85°C
1
6
V
Supply Current
ICC
VCC=3.0V, no load
5
10
µA
Reset Voltage Threshold
VTH
2.55 2.63 2.70
V
Reset Timeout Period
tRST
140
240
560
ms
Reset Output Voltage
VOH
ISOURCE =500µA
2.4
V
VOL
VCC = VTH min, ISINK =1.2mA
0.3
V
VCC>1V, ISINK =50µA, TA=-40~+85°C
0.3
V
MR
Input Threshold
VIH
2.1
V
VIL
0.75
V
MR
Minimum Pulse Width
10
µS
MR
to Reset Delay
0.5
µS
MR
Pull-Up Resistance
10
20
30
kΩ
MR
Glitch Immunity
100
ns
UIC811-B (2.93V)
(VCC =3.3V, TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage Range
VCC
TA =-40~+85°C
1
6
V
Supply Current
ICC
VCC=3.3V, no load
5
10
µA
Reset Voltage Threshold
VTH
2.85 2.93 3.00
V
Reset Timeout Period
tRST
140
240
560
ms
Reset Output Voltage
VOH
ISOURCE =500µA
2.64
V
VOL
VCC = VTH min, ISINK =1.2mA
0.3
V
VCC>1V, ISINK =50µA, TA=-40~+85°C
0.3
V
MR
Input Threshold
VIH
2.31
V
VIL
0.825
V
MR Minimum Pulse Width
10
µS
MR
to Reset Delay
0.5
µS
MR
Pull-Up Resistance
10
20
30
kΩ
MR
Glitch Immunity
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com