Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIC811G-X-AD4-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UIC811G-X-AD4-R
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC811G-X-AD4-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UIC811G-X-AD4-R Datasheet HTML 1Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 2Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 3Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 4Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 5Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 6Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 7Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UIC811
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-317.H
TYPICAL APPLICATION CIRCUIT
UTC
UIC811
VCC
RESET
MR
µP
VCC
RESET
VCC
APPLICATION INFORMATION
Microprocessor Reset
As soon as VCC falls below the reset threshold voltage, the RESET pin is asserted. But the RESET pin can
keep asserted for a period of 140ms after VCC rose above the reset threshold voltage. After a power failure the reset
operation can keep the processor being reset and powers up properly.
VCC Transients
The UTC UIC811 series won’t cause a reset typically as this situation: a negative-going transient 125mV below
the reset threshold with a duration of 20µs or less.
Interfacing to Bidirectional Reset Pins
Connecting a 4.7kΩ resistor in series with the UTC UIC811 series output and the µP reset pin can make the
UTC UIC811 series interface with µPs with bidirectional reset pins.
RESET Valid at Low Voltage
As the figure below, adding a resistor which is recommended 100kΩ can ensure the RESET output remains
low with VCC down to 0V. The size of the resistor should be not too large which will load the output excessively and
not too small which can pull-down any stray leakage currents.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com