Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIC811G-X-AD4-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UIC811G-X-AD4-R
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC811G-X-AD4-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UIC811G-X-AD4-R Datasheet HTML 1Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 2Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 3Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 4Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 5Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 6Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 7Page - Unisonic Technologies UIC811G-X-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UIC811
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-317.H
ELECTRICAL CHARACTERISTICS(Cont.)
UIC811-F (5.0V)
(VCC =5.5V, TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage Range
VCC
TA =-40~+85°C
1
6
V
Supply Current
ICC
VCC=5.0V, no load
25
µA
Reset Voltage Threshold
VTH
4.85
5
5.15
V
Reset Timeout Period
tRST
140
240
560
ms
Reset Output Voltage
VOH
ISOURCE =800µA
4.55
V
VOL
VCC = VTH min, ISINK =3.2mA
0.4
V
VCC>1V, ISINK =50µA, TA =-40~+85°C
0.3
V
MR Input Threshold
VIH
2.45
V
VIL
0.8
V
MR
Minimum Pulse Width
10
µS
MR to Reset Delay
0.5
µS
MR Pull-Up Resistance
10
20
30
kΩ
MR
Glitch Immunity
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com