Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US201XXL-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US201XXL-AF5-R
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201XXL-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US201XXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US201/A/B/C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-302.H
MARKING
3
2
1
5
4
US
Current Code:
1: 0.6A, A: 1.1A,
B: 1.3A, C: 1.5A
Logic Level Enable Pin
G: Halogen Free
L : Lead Free
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
CTL
Enable Input pin, H: High active, L: Low active
2
GND
Ground
3
FLG
Open-drain fault flag output
4
VIN
Power input voltage
5
VOUT
Output voltage
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com