Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US201XXL-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US201XXL-AF5-R
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201XXL-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US201XXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
US201/A/B/C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-302.H
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
POWER SWITCH
Switch ON Resistance
RDS(ON)
IOUT= 500mA
US201
80
110
mΩ
IOUT=1.0A
US201A/B/C
80
110
mΩ
Output Turn-ON Rise Time
tON(RISE)
10% ~ 90% of VOUT rising
400
µs
OVER CURRENT FLAG
FLAG OFF Current
(OFF)
FLG
I
FLG
V=5V
0.01
1
µA
FLAG Output Resistance
FLG
R
ISINK=1mA
20
400
Ω
FLAG Delay Time
tD
From fault condition to FLG assertion
2
10
15
ms
THERMAL SHUTDOWN
Thermal Shutdown Protection
TSD
130
℃
Thermal Shutdown Hysteresis
∆TSD
20
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com