Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US201XXL-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US201XXL-AF5-R
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201XXL-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US201XXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US201XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US201/A/B/C
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-302.H
HIGH-SIDE POWER SWITCHES
WITH FLAG
DESCRIPTION
The UTC US201/A/B/C series are 80mΩ high-side power
switches. There’s internal single low voltage N-Channel MOSFET
which makes it an ideal for all USB applications. This MOSFET
should be driven by a charge pump circuitry inside. Its switch on
resistance is as low as 80mΩ which we know specially meets the
drop voltage for USB applications.
The flag pin can output an open-drain fault flag to next controller.
There’re lots internal special ways for protecting the chip’s
operation.
When in hot-plug events, there’s large current which can create
the upstream voltage droop to match the USB’s voltage droop
requirements and soft-start for isolating the power source.
As soon as the die temperature is higher than 130
℃, the internal
shutdown circuit will work.
Only when there’s a normal input voltage in the VIN pin, the
UVLO (under-voltage lockout, 1.3V/2.5V typ.) can make sure the
chip is till in the off state.
Because of the requirement of USB power the fault current
should be ensured less than 0.6A/1.1A (UTC US201/A, single port)
and 1.3A /1.5A (UTC US201B/C, dual ports).
FEATURES
* 80mΩ(Typ) N-Channel MOSFET
* Supply Current:
–
Switch On : 25μA(Typ)
–
Switch Off : 1μA (Typ)
* Load Current 500mA for US201 and 1.0A for US201A/B/C
* Input Voltage from 2V ~ 5.5V
* In Off-State: Output Voltage can be Higher than Input
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US201XXL-AF5-R
US201XXG-AF5-R
SOT-25
Tape Reel


Similar Part No. - US201XXL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201XXL-AF5-R UTC-US201XXL-AF5-R Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201XXL-AF5-R UTC-US201XXL-AF5-R Datasheet
277Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
More results

Similar Description - US201XXL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1601 AIMTRON-AT1601 Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204_15 Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_18 Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com