Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058ISO8X Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CLC2058ISO8X
Description  Dual 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2058ISO8X Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CLC2058ISO8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
6
Typical Performance Characteristics
TA = 25°C, +Vs = +5V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Small Signal Pulse Response
Large Signal Pulse Response
Large Signal Frequency Response
-3dB Bandwidth vs. VOUT
Non-Inverting Frequency Response
Inverting Frequency Response
-15
-10
-5
0
5
0.1
1
10
100
Frequency (MHz)
G = 1
Rf = 0
G = 2
G = 5
G = 10
VOUT = 0.2Vpp
-25
-20
-15
-10
-5
0
5
0.1
1
10
Frequency (MHz)
G = -1
G = -2
G = -5
G = -10
VOUT = 0.2Vpp
-25
-20
-15
-10
-5
0
5
0.1
1
10
Frequency (MHz)
Vout = 1Vpp
Vout = 2Vpp
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
VOUT (VPP)
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
2
4
6
8
10
Time (us)
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
Time (us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com