Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058ISO8X Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC2058ISO8X
Description  Dual 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2058ISO8X Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC2058ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
10
can be calculated as above with the desired signal ampli-
tudes using:
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = ( VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS
Assuming the load is referenced in the middle of the pow-
er rails or Vsupply/2.
Figure 4 shows the maximum safe power dissipation in
the package vs. the ambient temperature for the pack-
ages available.
0
0.5
1
1.5
2
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOIC-8
Figure 4. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive
loading can cause ringing, peaking in the frequency re-
sponse, and possible unstable behavior. Use a series re-
sistance, RS, between the amplifier and the load to help
improve stability and settling performance. Refer to Fig-
ure 5.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 5. Addition of RS for Driving
Capacitive Loads
Overdrive Recovery
An overdrive condition is defined as the point when ei-
ther one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLC2058 will typically recover in less
than 30ns from an overdrive condition. Figure 6 shows the
CLC2058 in an overdriven condition.
-20
-10
0
10
20
-10
-5
0
5
10
0
10
20
30
40
50
Time (us)
Output
Input
VIN = 7.5Vpp
G = 5
Figure 6. Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. CaDeKa has evaluation
boards to use as a guide for high frequency layout and as
an aid in device testing and characterization. Follow the
steps below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com