Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058ISO8X Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CLC2058ISO8X
Description  Dual 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2058ISO8X Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CLC2058ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2058ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
7
Typical Performance Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Input Offset Voltage vs. Temperature
Input Bias Current vs. Temperature
Maximum Output Voltage Swing vs. Frequency
Maximum Output Voltage Swing vs. RL
Open Loop Voltage Gain vs. Frequency
Supply Current vs. Temperature
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
100
1000
Frequency (KHz)
RL=2K
2
2.2
2.4
2.6
2.8
3
3.2
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
5
10
15
20
0.1
1
10
100
Frequency (KHz)
RL=2K,
THD+N<5%
-16
-12
-8
-4
0
4
8
12
16
0.1
1
10
Resistance Load (KΩ)
Postive Voltage Swing
Negative Voltage Swing
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com