Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK376-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSK376-R
Description  Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSK376-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSK376-R Datasheet HTML 1Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 2Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 3Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 4Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 5Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 6Page - Siemens Semiconductor Group LSK376-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
Hyper ARGUS® LED
Hyper-Bright, 3 mm (T1) LED, Non Diffused
LS K376, LA K376, LO K376
LY K376
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
Kunststoffgehäuse mit spezieller Formgebung
q
bei Einsatz eines äußeren Reflektors zur Hintergrundbe-
leuchtung von Leuchtfeldern und LCD-Anzeigen geeignet.
q
zur Direkteinkopplung in Lichtleiterflächen geeignet
q
gleichmäßige Ausleuchtung einer Streuscheibe (Weiß-
druck) vor dem äußeren Reflektor
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
q
Hinweis: Bei farbigen Streuscheiben muß die spektrale
Transmission an die von der LED emittierte Wellenlänge
angepaßt werden.
Features
q
colored, clear package
q
plasic package with a special design
q
in connection with an additional, custom
built reflector suitable for backlighting of display panels
q
for optical coupling into light pipes
q
uniform illumination of a diffuser screen in front of the
custom built reflector
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839
q
Note: If the diffuser screen is tinted, the spectral
transmission must be adjusted to the wavelength
emitted by the LED.


Similar Part No. - LSK376-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
More results

Similar Description - LSK376-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com