Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF3055 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTF3055
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF3055 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTF3055 Datasheet HTML 1Page - Unisonic Technologies UTF3055 Datasheet HTML 2Page - Unisonic Technologies UTF3055 Datasheet HTML 3Page - Unisonic Technologies UTF3055 Datasheet HTML 4Page - Unisonic Technologies UTF3055 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTF3055
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-318.D
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Source Voltage
VDSS
60
V
Drain Gate Voltage (RGS = 10MΩ )
VDGR
60
V
Continuous
±20
V
Gate Source Voltage
Non-Repetitive (tP ≤10 ms)
VGSS
±30
V
Continuous Drain Current (Ta = 25°C)
ID
3.0
A
Pulsed Drain Current (tP ≤10 µs)
IDM
9.0
A
Single Pulsed Avalanche Energy (Note 2)
EAS
74
mJ
SOT-223
0.83
Power Dissipation (Ta = 25°C) (Note 3)
TO-252
1.136
W
SOT-223
14
Derate above 25°C
TO-252
PD
20
mW/°C
Junction Temperature
TJ
175
°C
Strong Temperature
TSTG
-55 ~ +175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. TJ = 25°C ,VDD = 25V, VGS = 10V, IL = 7.0A, L = 3.0mH, VDS = 60V
3. When surface mounted to an FR4 board using 1″pad size, 1 oz.(Cu. Area 1.127 sq in ).
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
150
Junction to Ambient (Note)
TO-252
θJA
110
°C/W
Note: When surface mounted to an FR4 board using 1″pad size, 1 oz.(Cu. Area 1.127 sq in ).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com