Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF3055 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTF3055
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF3055 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTF3055 Datasheet HTML 1Page - Unisonic Technologies UTF3055 Datasheet HTML 2Page - Unisonic Technologies UTF3055 Datasheet HTML 3Page - Unisonic Technologies UTF3055 Datasheet HTML 4Page - Unisonic Technologies UTF3055 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTF3055
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-318.D
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
As an N-channel enhancement mode power MOSFET, the UTC
UTF3055
is designed for low voltage, high speed switching
applications in power supplies, converters and power motor controls
and bridge circuits.
FEATURES
* RDS(ON)<110 mΩ @VGS=10V
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTF3055L-AA3-R
UTF3055G-AA3-R
SOT-223
G
D
S
Tape Reel
UTF3055L-TN3-R
UTF3055G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - UTF3055

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UTF NICHICON-UTF Datasheet
670Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
Sep.2024
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
Attenuator 5 to 2500 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results

Similar Description - UTF3055

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com