Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF3055 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTF3055
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF3055 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTF3055 Datasheet HTML 1Page - Unisonic Technologies UTF3055 Datasheet HTML 2Page - Unisonic Technologies UTF3055 Datasheet HTML 3Page - Unisonic Technologies UTF3055 Datasheet HTML 4Page - Unisonic Technologies UTF3055 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTF3055
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-318.D
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain Source Breakdown Voltage (Note 1)
VGS= 0V, ID =250µA
60
68
V
Temperature Coefficient (Positive)
BVDSS
66
mV/°C
Drain-Source Leakage Current
IDSS
VGS=0V, VDS=60V
1.0
µA
Gate-Source Leakage Current
IGSS
VGS = ±20 V, VDS =0V
±100
nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS=VDS, ID =250µA
2.0
3.0
4.0
V
Temperature Coefficient (Negative)
VGS(TH)
6.6
mV/°C
Static Drain-Source On-State Resistance
RDS(ON) VGS =10 V, ID =1.5A
88
110
mΩ
Static Drain-to-Source On-Resistance
VDS(ON) VGS =10 V, ID =3A
0.27
0.40
V
Forward Tran conductance
gFS
VDS=8.0V, ID=1.7A
3.2
M
DYNAMIC PARAMETERS
Input Capacitance
CISS
324
455
pF
Output Capacitance
COSS
35
50
pF
Reverse Transfer Capacitance
CRSS
VGS =0 V, VDS =25 V, f=1.0MHz
110
155
pF
SWITCHING PARAMETERS
(Note 2)
Turn-ON Delay Time
tD(ON)
9.4
20
ns
Turn-ON Rise Time
tR
14
30
ns
Turn-OFF Delay Time
tD(OFF)
21
45
ns
Turn-OFF Fall-Time
tF
VGS=10V, VDD=30V, ID =3.0A ,
RG =9.1Ω (Note 1)
13
30
ns
Total Gate Charge
QG
10.6
22
nC
Gate-Source Charge
QGS
1.9
nC
Gate-Drain Charge
QGD
VGS =10V, VDS =48V, ID =3.0A
(Note 1)
4.2
nC
Diode Forward Voltage
VSD
VGS=0V, IS=3.0A
0.89
1.0
V
tRR
30
ns
tA
22
ns
Body Diode Reverse Recovery Time
tB
8.6
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=3.0A,
dI/dt=100 A/μs (Note 1)
0.04
nC
Note:
1. Pulse Test: Pulse Width ≤300 s, Duty Cycle ≤2.0%.
2. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com