Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT18P10G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT18P10G-TN3-R
Description  100V, 19A P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT18P10G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT18P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTT18P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-619.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
-19
A
Continuous,
VGSS@-10V
TC=100°C
ID
-13
A
Drain Current
Pulsed (Note 2)
IDM
-72
A
Avalanche Current (Note 2)
IAR
-19
A
Repetitive (Note 3)
EAS
640
mJ
Avalanche Energy
Single Pulsed (Note 2)
EAR
15
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.5
V/ns
Power Dissipation (TC=25°C)
PD
150
W
Junction Temperature
TJ
-55~+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating; pulse width limited by max. junction temperature.
3. VDD=-25V, starting TJ=25°C, L=2.7mH, RG=25Ω, IAS=-19A. (See Figure 2)
4. ISD≤-19A, di/dt≤200A/µs, VDD≤BVDSS, TJ≤175°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.0
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com