Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT18P10G-TN3-R Datasheet (PDF) - Unisonic Technologies

UTT18P10G-TN3-R Datasheet PDF - Unisonic Technologies
Part # UTT18P10G-TN3-R
Download  UTT18P10G-TN3-R Download
File Size   243.95 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100V, 19A P-CHANNEL POWER MOSFET

UTT18P10G-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT18P10G-TN3-R Datasheet PDF - Unisonic Technologies

Part # UTT18P10G-TN3-R
Download  UTT18P10G-TN3-R Click to download

File Size   243.95 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100V, 19A P-CHANNEL POWER MOSFET

UTT18P10G-TN3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT18P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT18P10G-TN3-R UTC-UTT18P10G-TN3-R Datasheet
288Kb / 5P
P-CHANNEL POWER MOSFET
More results


Similar Description - UTT18P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
-19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
February 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 19A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com