Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT18P10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT18P10G-TN3-R
Description  100V, 19A P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT18P10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT18P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT18P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT18P10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-619.a
100V, 19A P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT18P10 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed, cost-effectiveness and a minimum on-state resistance. It can
also withstand high energy in the avalanche.
FEATURES
* RDS(ON)<0.20Ω @ VGS=-10V, ID=-11A
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT18P10L-TN3-R
UTT18P10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT18P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT18P10G-TN3-R UTC-UTT18P10G-TN3-R Datasheet
288Kb / 5P
P-CHANNEL POWER MOSFET
More results

Similar Description - UTT18P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
-19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
February 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 19A, N-channel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com