Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT4815 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT4815
Description  8 Amps, -30 Volts P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT4815 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT4815 Datasheet HTML 1Page - Unisonic Technologies UTT4815 Datasheet HTML 2Page - Unisonic Technologies UTT4815 Datasheet HTML 3Page - Unisonic Technologies UTT4815 Datasheet HTML 4Page - Unisonic Technologies UTT4815 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTT4815
Preliminary
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-564.a
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
Gate-Source Voltage
VGSS
±25
V
TA = 25°C
-8
Continuous
(Note 2)
TA = 70°C
ID
-6.9
Drain Current
Pulsed (Note 3)
IDM
-40
A
TA = 25°C
2
Power Dissipation (Note 2)
TA = 70°C
PD
1.44
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+ 150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C. The value in any given application depends on the user's specific board design.
The current rating is based on the t ≤ 10s thermal resistance rating.
3. Repetitive rating, pulse width limited by junction temperature.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
110
°C/W
Note: 1. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C. The value in any given application depends on the user's specific board design.
The current rating is based on the t ≤ 10s thermal resistance rating.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com