Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT4815 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTT4815
Description  8 Amps, -30 Volts P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT4815 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTT4815 Datasheet HTML 1Page - Unisonic Technologies UTT4815 Datasheet HTML 2Page - Unisonic Technologies UTT4815 Datasheet HTML 3Page - Unisonic Technologies UTT4815 Datasheet HTML 4Page - Unisonic Technologies UTT4815 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTT4815
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-564.a
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS =0 V, ID =-250µA
-30
V
Drain-Source Leakage Current
IDSS
VDS =-24V, VGS =0 V
-1
µA
Forward
VGS=+25V, VDS=0V
+1
Gate- Source Leakage Current
Reverse
IGSS
VGS=-25V, VDS=0V
-1
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS =VGS, ID =-250 µA
-1
-2.8
-3
V
VGS =-20V, ID =-8A
14.1
18
mΩ
VGS =-20V, ID =-8A,
TJ =125°C
19
24
mΩ
VGS =-10V, ID =-8A
16.2
20
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS =-4.5V, ID =-5A
37
mΩ
On State Drain Current
ID(ON)
VGS=-10V, VDS=-5V
-40
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
2330 2900
Output Capacitance
COSS
480
Reverse Transfer Capacitance
CRSS
VDS =-15 V, VGS =0V, f=1MHz
320
pF
Gate Resistance
Rg
VDS =0V, VGS =0V, f=1MHz
6.8
10
Ω
SWITCHING PARAMETERS
Total Gate Charge
QG
41
52
Gate Source Charge
QGS
10
Gate Drain Charge
QGD
VDS =-15V, VGS =-10V, ID=-8A
(Note 1,2)
12
nC
Turn-ON Delay Time
tD(ON)
13
Turn-ON Rise Time
tR
12
Turn-OFF Delay Time
tD(OFF)
51
Turn-OFF Fall-Time
tF
VDS =-15V, VGS =-10V,
RL=1.8Ω, RGEN=3Ω(Note 1,2)
30.5
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-1A, VGS=0V
-1
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-2.6
A
Body Diode Reverse Recovery Time
tRR
IF=-8 A, dI/dt=100A/μs
28
35
ns
Body Diode Reverse Recovery Charge
QRR
IF=-8A,dI/dt=100A/μs(Note 1)
20.5
nC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com