Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT4815 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT4815
Description  8 Amps, -30 Volts P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT4815 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT4815 Datasheet HTML 1Page - Unisonic Technologies UTT4815 Datasheet HTML 2Page - Unisonic Technologies UTT4815 Datasheet HTML 3Page - Unisonic Technologies UTT4815 Datasheet HTML 4Page - Unisonic Technologies UTT4815 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT4815
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-564.a
8 Amps, -30 Volts
P-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UTT4815 is a P-channel enhancement mode power
MOSFET using UTC’s advanced trench technology to provide
customers with a minimum on-state resistance and extremely gate
charge with a 25V gate rating
The UTC UTT4815 is ESD protected and universally applied in
PWM or used as a load switch.
FEATURES
* VDS(V)= -30V
* ID= -8A, (VGS= -20V)
* RDS(ON) < 18mΩ @(VGS = -20V)
RDS(ON) < 20mΩ @(VGS = -10V)
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
7
8
Packing
UTT4815L-S08-R
UTT4815G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
UTT4815L-S08-T
UTT4815G-S08-T
SOP-8
S
S
S
G
D
D
D
D
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT4815

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT4850 UTC-UTT4850 Datasheet
171Kb / 4P
N-CHANNEL POWER MOSFET
UTT4850G-S08-R UTC-UTT4850G-S08-R Datasheet
171Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - UTT4815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
logo
Unisonic Technologies
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UF9640 UTC-UF9640 Datasheet
198Kb / 5P
11 Amps, 200 Volts P-CHANNEL POWER MOSFET
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
40 Amps, 30 Volts N-CHANNEL POWER MOSFET
UT3403 UTC-UT3403_11 Datasheet
277Kb / 4P
-2.6 Amps, 30 Volts P-CHANNEL POWER MOSFET
UTR4502 UTC-UTR4502 Datasheet
223Kb / 4P
-1.95 Amps, -30 Volts P-CHANNEL POWER MOSFET
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com