Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5136-RFX Datasheet(PDF) 14 Page - Amphenol Corporation

Part # 31-5136-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5136-RFX Datasheet(HTML) 14 Page - Amphenol Corporation

Back Button 31-5136-RFX Datasheet HTML 10Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 11Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 12Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 13Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 14Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 15Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 16Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 17Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 18Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
BNC 50 ohm
Amphenol
®
PCB Receptacles
118
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Terminal
Dimensions, inches (mm)
Notes
Mtg.
Amphenol
Fig.
Type
a
b
Plt.
Ins.
Imp.
Hole
Number
PCB Receptacle, 3 Legs .125(3.2) Long/Post Terminal
Blunt Post
.794(20.2)
.434(11.0)
P6
D1
50
Ω
K
31-5329
1
.040(1.0) Dia. x .125(3.2) Long/.025(0.6) Stand-off Pads
PCB Receptacle, 4 Legs .176(4.5)
Blunt Post
.831(21.1)
.433(11.0) dia
P1
D25
50
Ω
F
31-5329-51RFX
2
Long/Post terminal .037(0.9) Dia. Silver Contact
PCB Receptacle, 4 Legs .176(4.5)
Blunt Post
.831(21.1)
.433(11.0) dia
P17
D25
50
Ω
F
31-5329-52RFX
2
Long/Post terminal .037(0.9) Dia. Gold Contact
PCB Receptacle, 4 Legs .155(3.9) Long/ .020(0.5)
Blunt Post
.819(20.8)
.812(20.6) dia
P1
D1
50
Ω
J
31-4758
3
Stand-off Pads/Post terminal .040(1.0) Dia.
PCB Receptacle, 4 Legs and Post Terminal
Blunt Post
.766(19.4)
.688(17.5) dia
P1
D1
50
Ω
I
18225
4
.040(1.0) Dia. x .125(3.2) Long
Fig. 2
Fig. 1
Fig. 4
Fig. 3
BNC PCB Receptacle (Jack)
Post Terminal, 4 Legs
.433" (11.0mm) Dia. Base
31-5329-51RFX
31-5329-52RFX
BNC PCB Receptacle (Jack)
Post Terminal, 3 Legs
.380" (9.6mm) Dia. Base
31-5329
BNC PCB Receptacle (Jack)
Post Terminal, 4 Legs
18225
BNC PCB Receptacle (Jack)
Post Terminal, 4 Legs
31-4758
PRINTED CIRCUIT BOARD RECEPTACLES
.062(1.6) dia.
3 holes
.047(1.2)
dia.
.340(8.6)
dia.
K
120°
a
.669
(17.0)
.025(0.6)
stand-off pads
.125
(3.2)
b
.380(9.6) dia.
.040 dia.
(1.01)
a
b
.655
(16.6)
.176
(4.5)
.500
(12.7)
.155(3.9)
.037(0.9) dia.
J
.500(12.7)
.250(6.4)
.067(1.7) dia.
(5 places)
.250(6.4)
.500(12.7)
.047(1.2) dia.
(5 places)
b
a
.155(3.9)
.664
(16.9)
.020(0.5)
Stand-Off Pads
.641
(16.3)
a
I
.125(3.2)
b
v
v
v distributor stocked
.094(2.4)dia.
(4 places)
.135(3.4)
.050 (1.3) dia.
.272(6.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com