Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5136-RFX Datasheet(PDF) 20 Page - Amphenol Corporation

Part # 31-5136-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5136-RFX Datasheet(HTML) 20 Page - Amphenol Corporation

Back Button 31-5136-RFX Datasheet HTML 16Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 17Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 18Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 19Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 20Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 21Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 22Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 23Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 24Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
BNC 75 ohm
Amphenol
®
Specifications
124
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
ELECTRICAL
Impedance
75 ohms nominal
Frequency range
0-4 GHz
Voltage rating
500 volts rms
Dielectric
1,500 volts rms.
withstanding voltage
Insulation resistance
5,000 megohms min.
VSWR
Type 1:
1.5 + 0.1 f(GHz)
DC to 4 GHz
Type 2:
1.00 + 0.25 f(GHz)
DC to 1 GHz
MECHANICAL
Mating
2-stud bayonet lock
Cable affixment
Crimp-Crimp
MATERIAL
Body,
Brass
coupling sleeve,
male contact
Female contact
Beryllium copper or
phosphor bronze
Crimp ferrule
Copper alloy
Plating
Contacts: gold
Other metal parts:
Nickel
* These characteristics are typical and may not
apply to all connectors.
.003 MIN
Å.322 MAX
.385/.390
.228/.208
.078 MIN
55 /65
1 /4
.052/.054
.025 MAX
REF PLANE
.081/.087
.195
MIN
.081/.087
.195
.414 MIN
.186/.206
.327/.335
.204/.208
.075/.081
.015/.030
.432/.436
.378/.382
.346/.356
.327/.333
.319/.321
MIN
REF PLANE
PLUG
JACK
ENVIRONMENTAL
Temperature range
TFE insulators:
- 65°C to + 165°C
Copolymer of Styrene:
- 55°C to + 85°C
Weatherproof
Clamps with clamp
gaskets.
Crimps with heat-shrink
tubing.
Hermetic seals
Pass helium leak test of
2 X 10-8 cc/sec
Shock
MIL-Std. 202 method
202
Vibration
MIL-Std. 202 method
204 (test cond. D)
Moisture resistance
MIL-Std. 202 method
106
Corrosion
MIL-Std. 202 method
101 (test cond. B)
Temperature
MIL-Std. 202 method
cycling
102 (test cond. D)
Altitude
MIL-Std. 202 method
105 (test cond. C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com