Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5136-RFX Datasheet(PDF) 24 Page - Amphenol Corporation

Part # 31-5136-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5136-RFX Datasheet(HTML) 24 Page - Amphenol Corporation

Back Button 31-5136-RFX Datasheet HTML 20Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 21Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 22Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 23Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 24Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 25Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 26Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 27Page - Amphenol Corporation 31-5136-RFX Datasheet HTML 28Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
BNC 75 ohm
Amphenol
®
PCB Receptacles
128
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles ✩
Vertical BNC Printed Circuit Board Bulkhead Receptacles ✩
Low Profile BNC Printed Circuit Board Bulkhead Receptacles ✩
Isolated from Panel
White Valox Housing
31-71047 (Round Pins)
31-71047-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-71046 (Round Pins)
31-71046-1010 (Fork Pins)
Metal Housing
31-71043 (Round Pins)
31-71043-1010v
(Fork Pins)
Isolated from Panel
White Valox Housing
31-71052 (Round Pins)
31-71052-1010 (Fork Pins)
31-71052-10RFX
Isolated from Panel
Black Valox Housing
31-71053 (Round Pins)
31-71053-1010 (Fork Pins)
Metal Housing
31-71042 (Round Pins)
Isolated from Panel
White Valox Housing
31-71058 (Round Pins)
31-71058-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-71059 (Round Pins)
31-71059-1010 (Fork Pins)
Metal Housing
31-71045 (Round Pins)
31-71045-1010
(Fork Pins)
✩ Jam nuts and lockwashers sold separately. v distributor stocked
P
.468(11.9)
.500(12.7)
P
.468(11.9)
P
.468(11.9)
.500(12.7)
.500(12.7)
Fig. 1
Fig. 2
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com