Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5137-RFX Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 31-5137-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5137-RFX Datasheet(HTML) 3 Page - Amphenol Corporation

  31-5137-RFX Datasheet HTML 1Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 2Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 3Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 4Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 5Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 6Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 7Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 8Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
BNC
Amphenol
®
Specifications
107
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
ELECTRICAL
Impedance
50 ohms nominal s
Frequency range
0-4 Ghz w/low reflection
Voltage rating
500 volts peak
Dielectric
1,500 volts rms.
withstanding voltage
VSWR
M39012 straight
connectors:
1.3 max. 0-4 GHz
M39012 right angle:
1.35 max. 0-4 GHz
Other (MIL-C-39012
Contact resistance:
cable connectors)
center contact 1.5
milliohm
outer contact 0.2
milliohm
Braid to body 0.1
milliohm
RF leakage: - 55 dB
minimum at 3 GHz
Insertion loss: 0.2 dB
maximum at 3 GHz
Insulation resistance:
5000 megohms (min.)
MECHANICAL
Mating
2-stud bayonet
coupling per M39012
Cable affixment
All crimps: hex braid
(braid or jacket)
crimp.
Clamps: screw-thread
nut and braid clamp.
Cable affixment
Crimps: crimp or solder
(center conductor)
All others: solder only
Captivated
All crimps
contact
Others: where specified.
Cable retention
Crimps: 20-100 lbs.
All others: 30-70 lbs.
MILITARY SPECIFICATIONS
MIL-C-39012
Where applicable
MATERIAL
Center contacts
Male: brass
Female: Beryllium
copper or phosphor
bronze. Silver or gold
plated
Other metal parts
Brass,
Nickel finish
except M39012 silver.
Insulators
TFE; copolymer of
styrene, glass-TFE
(hermetically sealed)
Clamp gaskets
Synthetic rubber,
Silicone rubber
Crimp ferrule
Copper / Brass
ENVIRONMENTAL
Temperature range
TFE insulators:
- 65°C to + 165°C
Copolymer of Styrene:
- 55°C to + 85°C
Weatherproof
Clamps with clamp
gaskets.
Crimps with heat-shrink
tubing.
Hermetic seals
Pass helium leak test of
2 X 10-8 cc/sec
Shock
MIL-Std. 202 method
202
Vibration
MIL-Std. 202 method
204 (test cond. D)
Moisture resistance
MIL-Std. 202 method
106
Corrosion
MIL-Std. 202 method
101 (test cond. B)
Temperature
MIL-Std. 202 method
cycling
102 (test cond. D)
Altitude
MIL-Std. 202 method
105 (test cond. C)
NOTE: These characteristics are typical and may not
apply to all connectors.
s Also see 75 ohm BNC connectors in the following
section
.078 MIN
55 /65
1 /4
.081/.087
.052/.054
.025 MAX
.210/.230
.208/.228
.006 MIN
.003 MIN
Å.322 MAX
.385/.390
.190 MIN
REF PLANE
.081/.087
.195
.414 MIN
.188/.208
.186/.206
.327/.335
.204/.208
.006 MAX
.075/.081
.015/.030
.432/.436
.378/.382
.346/.356
.327/.333
.319/.321
.256 MAX
.186 MAX
MIN
REF PLANE
JACK
PLUG
.081/.087
.195
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com