Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5137-RFX Datasheet(PDF) 8 Page - Amphenol Corporation

Part # 31-5137-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5137-RFX Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button 31-5137-RFX Datasheet HTML 4Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 5Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 6Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 7Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 8Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 9Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 10Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 11Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BNC 50 ohm
Amphenol
®
Cable Jacks
112
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
BNC Crimp Jacks
36800
36800-RFX
68150
31-317
31-4327
31-317-RFX
BNC Clamp Jack
31-15
31-5
31-5-RFX
31-315-RFX
Fig. 1
Fig. 2
Cable RG/U
Cable Attachment
Dimensions, inches (millimeters)
Construction Notes
Military
Amphenol
Fig.
Outer
Inner
a s
bc q
CAI
Plt.
Ins.
Number
Number
58, 141
Crimp
Crimp
1.17(29.8)
.562(14.3)
.206(5.2)
C26a
P33
D1
M39012/17-0013
31-4327*
1
Crimp
Crimp
1.17(29.7)
.510(13.0)
.206(5.2)
C26a
P15
D1
—
36800*
1
Crimp
Crimp
1.32(33.5)
.435(11.0)
.210(5.3)
C26a
P7
D23
—
36800-RFX
1
59, 62, 71, 140, 210
Clamp
Solder
1.14(29.0)
.562(14.3)
.259(6.6)
C25
P1
D1
UG-261/U
31-15*
2
174, 188, 316
Crimp
Crimp
1.19(30.2)
.571(14.5)
.106(2.7)
C26a
P15
D23
—
31-315-RFX
2
223
Clamp
Solder
1.14(29.0)
.562(14.3)
.220(5.0)
C25
P1
D1
UG-89/U
31-5
2
174, 188, 316
Crimp
Crimp
1.07(27.3)
.453(11.5)
.106(2.7)
C26a
P15
D23
—
31-317-RFX
1
174, 188, 316
Crimp
Crimp
1.39(35.3)
.562(14.3)
.125(3.2)
C26a
P15
D1
—
31-317*
1
174, 179, 187, 188, 316
Clamp
Solder
1.14(29.0)
.687(17.5)
.117(3.0)
C25
P1
D1
—
86425*
3
59, 62, 140, 210
Crimp
Crimp
1.18(30.0)
.510(13.0)
.261(6.6)
C26a
P15
D1
—
68150*
1
223
Clamp
Clamp
1.14(29.0)
.562(14.3)
.220(5.0)
C25
P1
D1
—
31-5-RFX
2
BNC CABLE JACKS
q
accommodates cable diameter * recognized under the component program of U.L., Inc.
v distributor stocked
s includes outer ferrule
Fig. 3
BNC Panel Jack
86425
a s
b
c•
a
b
c•
b
c•
a
square
.090(2.3) thick
.117(3.0) max panel
.500(12.7)
.453(11.5)
.125(3.2)
dia. 4 holes
L
v
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com