Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5137-RFX Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 31-5137-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5137-RFX Datasheet(HTML) 5 Page - Amphenol Corporation

  31-5137-RFX Datasheet HTML 1Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 2Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 3Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 4Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 5Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 6Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 7Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 8Page - Amphenol Corporation 31-5137-RFX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BNC 50 ohm
Amphenol
®
Cable Plugs
109
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 2
Fig. 1
31-5800
31-5900
BNC Clamp Plugs
BNC CLAMP CABLE PLUGS
Cable
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a s
b
c •
CAI
Plt.
Ins.
Number
Number
6
Clamp
Solder
1.25(31.8)
.563(14.3)
.348(8.8)
C25
P1
D6
—
9350*
8, 9, 11, 213, 214
Clamp
Solder
1.66(42.1)
.688(17.5)
.437(11.1)
C25
P1
D1
UG-959/U
6775*
55, 58, 141, 142, 223, 400
Clamp
Solder
1.06(27.0)
.562(14.3)
.224(5.7)
C25
P1
D1
UG-88C/U
31-202*
Clamp
Solder
1.06(27.0)
.563(14.3)
.221(5.6)
C25
P1
D1
UG88E/U
31-3202*
58, 141, 142, 400
Clamp
Solder
.969(24.6)
.563(14.3)
.212(5.38)
C25
P1
D1
UG-88/U
31-2*
Clamp
Solder
1.07(27.2)
.571(14.5)
.212(5.38)
C25
P7
D23
—
31-2-RFX
Clamp
Solder
1.06(27.0)
.563(14.3)
.224(5.7)
C25
P33
D1
M39012/16-0101
31-3301*
2
59, 62, 71, 140, 210, 302
Clamp
Solder
1.10(27.9)
.562(14.3)
.255(6.5)
C25
P1
D1
UG260B/U
31-212*
Clamp
Solder
1.07(27.2)
.571(14.5)
.256(6.5)
C25
P7
D23
—
31-212-RFX
Clamp
Solder
1.06(27.0)
.563(14.3)
.255(6.5)
C25
P33
D1
M39012/16-0102
31-3302*
59 (20GA CC)
Clamp
Solder
1.06(27.0)
.563(14.3)
.255(6.48)
C25
P1
D1
—
31-212-1005
122
Clamp
Solder
1.06(27.0)
.563(14.3)
.177(4.5)
C25
P1
D1
UG1033/U
84975*
174, 179, 187, 188, 316
Clamp
Solder
1.06(27.0)
.563(14.3)
.116(2.9)
C25
P1
D1
—
69475*
178, 196
Clamp
Solder
1.00(25.4)
.563(14.3)
.094(2.39)
C25
P1
D9
—
15875*
180
Clamp
Solder
1.00(25.4)
.563(14.3)
.150(3.81)
C25
P1
D9
—
16300*
BNC CRIMP-CRIMP CABLE PLUGS FOR NETWORKING
Cable
Dimensions, inches (millimeters)
Notes
Amphenol
Fig.
RG-/U
a s
b
c• 1
c• 2
CAI
Plt.
Ins.
Number
58, 58A, 58B, 58C, 141, Plenum 58, Belden 9907, 89907,
1.11(28.2)
.563(14.3)
.209(5.3)
.181(4.60)
C26
P15
D26
31-5800
Comscope 2104K, 2135, 3104
59 & 62, RG-59 20GACC, Plenum 59 & 62; Belden 1515A,
1
8212, 8221, 8241, 8241A, 8241F, 8263, 8279A,
9100, 9209, 9209A, 9240, 9244, 9259, 9274, 9275, 9659,
1.11(28.2)
.563(14.3)
.261(6.6)
.220(5.59)
C26
P15
D26
31-5900
1426A, 82108, 88241, 82241, 89259, 82259, 1506A;
AT&T 734A; Comscope 5553, 2020K, 3037V, 2249K
"b" dimension is body O.D.
• accommodates cable diameter
v distributor stocked
* recognized under the component program of U.L., Inc.
s includes outer ferrule
v
v
v
v
v
v
v
v
v
v
v
6775
9350
15875
16300
69475
84975
31-2
31-2-RFX
31-202
31-212
31-212-1005
31-212-RFX
31-3202
31-3301
31-3302
b
c1
a s
c2
b
c•
a
BNC Crimp Plugs for Networking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com